Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 68Page - Renesas Technology Corp HD404618FS Datasheet HTML 69Page - Renesas Technology Corp HD404618FS Datasheet HTML 70Page - Renesas Technology Corp HD404618FS Datasheet HTML 71Page - Renesas Technology Corp HD404618FS Datasheet HTML 72Page - Renesas Technology Corp HD404618FS Datasheet HTML 73Page - Renesas Technology Corp HD404618FS Datasheet HTML 74Page - Renesas Technology Corp HD404618FS Datasheet HTML 75Page - Renesas Technology Corp HD404618FS Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
HD404618 Series
70
Addressing Modes
RAM Addressing Modes
The MCU has three RAM addressing modes, as shown in figure 44 and described below.
Register Indirect Addressing Mode: The contents of the W, X, and Y registers (10 bits in total) are used
as a RAM address.
Direct Addressing Mode: A direct addressing instruction consists of two words. The first word contains
the opcode, and the contents of the second word (10 bits) are used as a RAM address.
Memory Register Addressing Mode: The memory registers (MR), consisting of 16 digits from $040 to
$04F, are accessed with the LAMR and XMRA instructions.
AP
9
AP
8
AP
7
AP
6
AP
5
AP
4
AP
3
AP
2
AP
1
AP
0
W1 W0
X3
X2
X1
X0
Y
3
Y
2
Y
1
Y
0
W register
X register
Y register
RAM address
Register Indirect Addressing
AP
9
AP
8
AP
7
AP
6
AP
5
AP
4
AP
3
AP
2
AP
1
AP
0
RAM address
Direct Addressing
d 9 d 8
d 7
d 6
d 5
d 4
d
3
d
2
d
1
d
0
2nd word of instruction
Opcode
1st word of instruction
AP
9
AP
8
AP
7
AP
AP
5
AP
4
AP
3
AP
2
AP
1
AP
0
RAM address
Memory Register Addressing
m
3
m
2
m
1
m
0
Opcode
Instruction
00
010
0
6
Figure 44 RAM Addressing Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com