Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 23Page - Renesas Technology Corp HD404618FS Datasheet HTML 24Page - Renesas Technology Corp HD404618FS Datasheet HTML 25Page - Renesas Technology Corp HD404618FS Datasheet HTML 26Page - Renesas Technology Corp HD404618FS Datasheet HTML 27Page - Renesas Technology Corp HD404618FS Datasheet HTML 28Page - Renesas Technology Corp HD404618FS Datasheet HTML 29Page - Renesas Technology Corp HD404618FS Datasheet HTML 30Page - Renesas Technology Corp HD404618FS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
HD404618 Series
25
System Clock (ø
CPU)
Operating
Stopped
Non-time-base peripheral function clock (ø
PER)
Operating
Active mode
Standby mode
Subactive mode
Stopped
—
Watch mode (TMA3 = 1)
Stop mode (TMA3 = 0)
Table 16 Operations in Low-Power Dissipation Modes
Function
Stop Mode
Watch Mode*
3
Standby Mode
Subactive Mode*
2, 3
CPU
Reset
Retained
Retained
OP
RAM
Retained
Retained
Retained
OP
Timer A
Reset
OP
OP
OP
Timer B
Reset
Stopped
OP
OP
Timer C
Reset
Stopped
OP
OP
Serial interface
Reset
Stopped*
4
OP
OP
LCD
Reset
OP
OP
OP
DTMF
Reset
Reset
Stopped
Reset
I/O
Reset*
1
Retained
Retained
OP
Notes: OP indicates operating.
1. Output pins are at high impedance.
2. Subactive mode is an optional function specified on the function option list.
3. In the watch and subactive modes, the MCU requires a 32.768 kHz crystal oscillator.
4. Transmission/reception is activated if a clock is input in external clock mode. (However,
interrupts stop.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com