Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 80Page - Renesas Technology Corp HD404618FS Datasheet HTML 81Page - Renesas Technology Corp HD404618FS Datasheet HTML 82Page - Renesas Technology Corp HD404618FS Datasheet HTML 83Page - Renesas Technology Corp HD404618FS Datasheet HTML 84Page - Renesas Technology Corp HD404618FS Datasheet HTML 85Page - Renesas Technology Corp HD404618FS Datasheet HTML 86Page - Renesas Technology Corp HD404618FS Datasheet HTML 87Page - Renesas Technology Corp HD404618FS Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
HD404618 Series
82
Item
Symbol
Pin(s)
Min
Typ
Max
Test Condition
Unit
Notes
INT
1 low
width
t
IL
INT
1
2—
—
t
cyc
4
RESET high
width
t
RSTH
RESET
2
—
—
t
cyc
5
Input
capacitance
C
in
D
10
—
—
90
HD4074618:
f = 1 MHz,
V
in = 0 V
pF
8
All pins
except D
10
—
—
15
f = 1 MHz,
V
in = 0 V
pF
RESET fall
time
t
RSTf
—
—
20
ms
5
Analog
comparator
stabilization
time
t
CSTB
D
12, D13
(analog input
mode)
——
2
t
cyc
7
Notes: 1. The oscillation stabilization time is the period required for the oscillator to stabilize after V
CC
reaches 2.7 V (3.0 V for HD4074618) at power-on or after RESET input goes high after stop
mode is cancelled. At power-on or when stop mode is cancelled, RESET must remain high for
at least t
RC to ensure the oscillation stabilization time.
Since t
RC depends on the ceramic
oscillator’s circuit constant and stray capacitance, contact the manufacturer when designing a
reset circuit.
2. The oscillation stabilization time is the period required for the oscillator to stabilize after V
CC
reaches 2.7 V (3.0 V for HD4074618) at power-on. The oscillation stabilization time (t
RC) must be
ensured. If using a crystal oscillator, contact the manufacturer to determine what oscillation
stabilization time is required, since it depends on the circuit constants and stray capacitances.
3. See figure 50.
4. See figure 51. The unit t
cyc applies when the MCU is in standby mode or active mode.
5. See figure 52.
6. The unit t
subcyc applies when the MCU is in watch mode or subactive mode.
t
subcyc = 244.14 µs (32.768-kHz crystal oscillator)
7. The analog comparator stabilization time is the period required for the oscillator to stabilize and
for correct data to be read after D
12/D13 is input to enter analog input mode.
8. The Max value for the HD404618, HD404616, HD404614, and HD404612 is 15pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com