Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 82Page - Renesas Technology Corp HD404618FS Datasheet HTML 83Page - Renesas Technology Corp HD404618FS Datasheet HTML 84Page - Renesas Technology Corp HD404618FS Datasheet HTML 85Page - Renesas Technology Corp HD404618FS Datasheet HTML 86Page - Renesas Technology Corp HD404618FS Datasheet HTML 87Page - Renesas Technology Corp HD404618FS Datasheet HTML 88Page - Renesas Technology Corp HD404618FS Datasheet HTML 89Page - Renesas Technology Corp HD404618FS Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
HD404618 Series
84
During Transmit Clock Input
Item
Symbol
Pin(s)
Min
Typ
Max
Test Condition Unit
Notes
Transmit clock
cycle time
t
Scyc
SCK
1—
—
t
cyc /tsubcyc 1, 3
Transmit clock
high width
t
SCKH
SCK
0.5
—
—
t
Scyc
1
Transmit clock
low width
t
SCKL
SCK
0.5
—
—
t
Scyc
1
Transmit clock
rise time
t
SCKr
SCK
—
—
200
ns
1
Transmit clock
fall time
t
SCKf
SCK
—
—
200
ns
1
Serial output
data delay time
t
DSO
SO
—
—
500
Load shown in
figure 54
ns
1
Serial input data
setup time
t
SSI
SI
300
—
—
ns
1
Serial input data
hold time
t
HSI
SI
300
—
—
ns
1
Transmit clock
completion
detect time
t
SCKHD
SCK
1—
—
t
cyc /tsubcyc 1, 2, 3
Notes: 1. See figure 53.
2. The transmit clock completion detect time is the high level period after eight transmit clock
pulses have been input. The serial interrupt request flag is not set if the next transmit clock is
input before the transmit clock completion detect time has passed.
3. The unit t
subcyc applies when the MCU is in subactive mode.
t
subcyc = 244.14 µs (32.768-kHz crystal oscillator)
TONEC
TONER
R = 100 k
Ω
L
R = 100 k
Ω
L
Figure 48 Tone Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com