Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 77Page - Renesas Technology Corp HD404618FS Datasheet HTML 78Page - Renesas Technology Corp HD404618FS Datasheet HTML 79Page - Renesas Technology Corp HD404618FS Datasheet HTML 80Page - Renesas Technology Corp HD404618FS Datasheet HTML 81Page - Renesas Technology Corp HD404618FS Datasheet HTML 82Page - Renesas Technology Corp HD404618FS Datasheet HTML 83Page - Renesas Technology Corp HD404618FS Datasheet HTML 84Page - Renesas Technology Corp HD404618FS Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
HD404618 Series
79
I/O Characteristics for High-Current Pins (HD404612, HD404614, HD404616, HD404618: V
CC = 2.7
V to 6.0 V; HD4074618: V
CC = 3.0 V to 5.5 V, GND = 0 V, T a = –20 to +75°C, unless otherwise
specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Test Conditions Unit
Notes
Input high
voltage
V
IH
D
0–D 9
0.7V
CC
—V
CC + 0.3
V
Input low
voltage
V
IL
D
0–D 9
–0.3
—
0.3V
CC
V
Output high
voltage
V
OH
D
0–D 9
V
CC – 1.0
—
–I
OH = 0.5 mA
V
Pull-up MOS
current
–I
PU
D
0–D 9
540
90V
CC = 3 V,
V
in = 0 V
µA
Output low
voltage
V
OL
D
0–D 9
—
—
2.0
I
OL = 15 mA
V
CC = 4.5 V to 6 V
V
—
—
0.4
I
OL = 0.4 mA
V
I/O leakage
current
|I
IL|D0–D 9
——
1
V
in = 0 to VCC
µA1
Note: 1. Output buffer current is excluded.
LCD Circuit Characteristics (HD404612, HD404614, HD404616, HD404618: V
CC = 2.7 V to 6.0 V;
HD4074618: V
CC = 3.0 V to 5.5 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Test Condition
Unit
Notes
Segment driver
voltage drop
V
ds
SEG1–
SEG32
—
—
0.6
I
d = 3 µAV
1
Common driver
voltage drop
V
dc
COM1–
COM4
—
—
0.3
I
d = 3 µAV
1
LCD power
supply division
resistor
R
Well
100
300
900
Between V
1 and GND
k
Ω
LCD voltage
VLCD
V
1
2.7
—
V
CC
HD404612, HD404614,
HD404616, HD404618
V2
3.0
—
V
CC
HD4074618
V
2
Notes: 1. V
DS and VDC are the voltage drops from power supply pins V1, V2, and V 3, and GND to each
segment pin and each common pin.
2. When V
LCD is supplied from an external source, the following relations must be retained:
V
CC ≥ V 1 ≥ V 2 ≥ V 3 ≥ GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com