Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 108Page - Renesas Technology Corp 4502 Datasheet HTML 109Page - Renesas Technology Corp 4502 Datasheet HTML 110Page - Renesas Technology Corp 4502 Datasheet HTML 111Page - Renesas Technology Corp 4502 Datasheet HTML 112Page - Renesas Technology Corp 4502 Datasheet HTML 113Page - Renesas Technology Corp 4502 Datasheet HTML 114Page - Renesas Technology Corp 4502 Datasheet HTML 115Page - Renesas Technology Corp 4502 Datasheet HTML 116Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
Rev.
Rev.
No.
date
1.0
First Edition
000711
1.1
Page 5:
Input/Output ports; Description of AIN0–AIN3 added.
000726
Page 25:
Fig.18 to Fig. 20; Description of “✕” revised.
Page 33:
(2) Successive comparison register AD;
this instruction (error)
→ these instructions (correct)
Page 42:
Table 16; Return condition of port P13/INT revised
bit 1 (error)
→ bit 2 (correct), EXF1 (error) → EXF0 (correct)
Pages 49 to 51: Fig. 46 to Fig. 49; Description of “✕” revised.
Page 73:
SEAM; Instruction code 0000010110 (error)
→ 0000100110 (correct)
Page 80:
Description AD3, AD2 (error)
→ A3, A2 (correct)
Page 88:
WRST;
Operation: (WDF)
← 1? (error) → (WDF1) = 1? (correct)
Description:
Skips the next instruction when watchdog timer flag WDF1 is “1.” After skipping, clears
(0) to the WDF1 flag. When the WDF1 flag is “0,” executes the next instruction.......
Page 91:
Description of DEY; “Subtracts 1 from the contents of register Y.” added.
Page 93:
Description of SEAM and description of SEA n are exchanged.
Page 100: WRST;
(WDF1)
← 0,
(WDF1) = 1,
after skipping,
→
after skipping,
(WDF1)
← 1
(WDF1)
← 0
(error)
(correct)
Page 101: WRST;
Skip condition: (WDF) = 1 (error)
→ (WDF1) = 1 (correct)
Description:
Skips the next instruction when watchdog timer flag WDF1 is “1.” After skipping, clears
(0) to the WDF1 flag. When the WDF1 flag is “0,” executes the next instruction.......
Page 110: (1) PROM mode; 12.5 V (error)
→ 12 V (correct)
Fig. 52; title revised
1.2
Pages 3, 4, 22 : Character fonts errors revised
000905
REVISION DESCRIPTION LIST
4502 GROUP DATA SHEET
(1/3)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com