Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 108Page - Renesas Technology Corp 4502 Datasheet HTML 109Page - Renesas Technology Corp 4502 Datasheet HTML 110Page - Renesas Technology Corp 4502 Datasheet HTML 111Page - Renesas Technology Corp 4502 Datasheet HTML 112Page - Renesas Technology Corp 4502 Datasheet HTML 113Page - Renesas Technology Corp 4502 Datasheet HTML 114Page - Renesas Technology Corp 4502 Datasheet HTML 115Page - Renesas Technology Corp 4502 Datasheet HTML 116Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
4502 GROUP DATA SHEET
3.00 Aug 27, 2004 All pages Words standardized: On-chip oscillator, A/D converter
3
Power dissipation “Ta=25°C” added.
4
____________
Description of RESET pin revised.
6
CONNECTIONS OF UNUSED PINS : Usage condition of P3 revised.
24
Table 9 : Control register of timer 1 and timer 2 revised.
25
Fig.22 : Note 5 added.
29
Some description revised.
30
Fig.25 : “DI” instruction added.
31
Table 11: Revised.
40
Table 15 : Port level, Note 4 revised, Note 6 added.
51
22
Electric Characteristic Differences Between Mask ROM and One Time PROM Version MCU,
23
Note on Power Source Voltage added.
77
TABAD : Description revised.
101
TABAD : Description revised.
(3/3)
3.01 Feb 02, 2005
1
Package name revised.
3
Package name revised.
28
• Timer 1 and timer 2 count start timing and count time when operation starts added.
48
10
Timer 1 and timer 2 count start timing and count time when operation starts added.
110
Package name revised.
111
Package name revised.
112
Package outline revised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com