Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 120Page - Renesas Technology Corp 4553 Datasheet HTML 121Page - Renesas Technology Corp 4553 Datasheet HTML 122Page - Renesas Technology Corp 4553 Datasheet HTML 123Page - Renesas Technology Corp 4553 Datasheet HTML 124Page - Renesas Technology Corp 4553 Datasheet HTML 125Page - Renesas Technology Corp 4553 Datasheet HTML 126Page - Renesas Technology Corp 4553 Datasheet HTML 127Page - Renesas Technology Corp 4553 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 124 of 142
REJ03B0024-0302
4553 Group
INSTRUCTION CODE TABLE
D3–D0
Hex.
notation
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
D9–D4
00
NOP
SRST
POF
SNZP
DI
EI
RC
SC
POF2
–
AM
AMC
TYA
–
TBA
–
000001
01
BLA
CLD
–
INY
RD
SD
–
DEY
AND
OR
TEAB
–
CMA
RAR
TAB
TAY
000010
02
SZB
0
SZB
1
SZB
2
SZB
3
SZD
SEAn
SEAM
–
–
TDA
TABE
–
–
–
–
SZC
000011
03
BMLA
–
–
–
–
–
–
–
SNZ0
–
SNZI0
–
–
–
TV2A
TV1A
000100
04
–
–
–
–
RT
RTS
RTI
–
LZ
0
LZ
1
LZ
2
LZ
3
RB
0
RB
1
RB
2
RB
3
000101
05
TASP
TAD
TAX
TAZ
TAV1
TAV2
–
–
RUPT
SUPT
–
EPOF
SB
0
SB
1
SB
2
SB
3
000110
06
A
0
A
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
9
A
10
A
11
A
12
A
13
A
14
A
15
000111
07
LA
0
LA
1
LA
2
LA
3
LA
4
LA
5
LA
6
LA
7
LA
8
LA
9
LA
10
LA
11
LA
12
LA
13
LA
14
LA
15
001000
08
TABP
0
TABP
1
TABP
2
TABP
3
TABP
4
TABP
5
TABP
6
TABP
7
TABP
8
TABP
9
TABP
10
TABP
11
TABP
12
TABP
13
TABP
14
TABP
15
001001
09
TABP
16
TABP
17
TABP
18
TABP
19
TABP
20
TABP
21
TABP
22
TABP
23
TABP
24
TABP
25
TABP
26
TABP
27
TABP
28
TABP
29
TABP
30
TABP
31
001010
TABP
32*
TABP
33*
TABP
34*
TABP
35*
TABP
36*
TABP
37*
TABP
38*
TABP
39*
TABP
40*
TABP
41*
TABP
42*
TABP
43*
TABP
44*
TABP
45*
TABP
46*
TABP
47*
001011001100
0C
001101
0D
001110
0E
001111
0F
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BML
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
BM
010000
010111
011000
011111
18–1F
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
BL
BML
BLA
BMLA
SEA
SZD
The second word
1p
paaa
aaaa
1p
paaa
aaaa
1p
pp00
pppp
1p
pp00
pppp
00
0111
nnnn
00
0010
1011
• * cannot be used in the M3455xM4/M4H.
10–17
000000
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-order
4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal representa-
tion of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of each instruction is
shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are described below.
0A
TABP
48*
TABP
49*
TABP
50*
TABP
51*
TABP
52*
TABP
53*
TABP
54*
TABP
55*
TABP
56*
TABP
57*
TABP
58*
TABP
59*
TABP
60*
TABP
61*
TABP
62*
TABP
63*
0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com