Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 118Page - Renesas Technology Corp 4553 Datasheet HTML 119Page - Renesas Technology Corp 4553 Datasheet HTML 120Page - Renesas Technology Corp 4553 Datasheet HTML 121Page - Renesas Technology Corp 4553 Datasheet HTML 122Page - Renesas Technology Corp 4553 Datasheet HTML 123Page - Renesas Technology Corp 4553 Datasheet HTML 124Page - Renesas Technology Corp 4553 Datasheet HTML 125Page - Renesas Technology Corp 4553 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 145 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.02
Dec 22, 2006
page 122 of 142
REJ03B0024-0302
4553 Group
TAL1
TL1A
TL2A
TL3A
TC1A
TC2A
CRCK
TAMR
TMRA
TRGA
NOP
POF
POF2
EPOF
SNZP
WRST
DWDT
SRST
RUPT
SUPT
SVDE
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
24 A
20 A
20 B
20 C
2A 8
2A 9
29 B
25 2
21 6
20 9
00 0
00 2
00 8
05 B
00 3
2A 0
29 C
00 1
05 8
05 9
29 3
1001001010
1000001010
1000001011
1000001100
1010101000
1010101001
1010011011
1001010010
1000010110
1000001001
0000000000
0000000010
0000001000
0001011011
0000000011
1010100000
1010011100
0000000001
0001011000
0001011001
1010010011
(A)
← (L1)
(L1)
← (A)
(L2)
← (A)
(L3)
← (A)
(C1)
← (A)
(C2)
← (A)
RC oscillator selected
(A)
← (MR)
(MR)
← (A)
(RG)
← (A)
(PC)
← (PC) + 1
Transition to clock operating mode
Transition to RAM back-up mode
POF, POF2 instructions valid
(P) = 1 ?
(WDF1) = 1 ?
(WDF1)
← 0
Stop of watchdog timer function enabled
System reset
(UPTF)
← 0
(UPTF)
← 1
At power down mode, voltage drop detection
circuit valid
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
Note: SVDE instruction can be used only in H version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com