Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 115Page - Renesas Technology Corp 4553 Datasheet HTML 116Page - Renesas Technology Corp 4553 Datasheet HTML 117Page - Renesas Technology Corp 4553 Datasheet HTML 118Page - Renesas Technology Corp 4553 Datasheet HTML 119Page - Renesas Technology Corp 4553 Datasheet HTML 120Page - Renesas Technology Corp 4553 Datasheet HTML 121Page - Renesas Technology Corp 4553 Datasheet HTML 122Page - Renesas Technology Corp 4553 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 145 page
background image
Skip condition
Datailed description
Rev.3.02
Dec 22, 2006
page 119 of 142
REJ03B0024-0302
4553 Group
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
V12 = 0: (T1F) = 1
V13 = 0: (T2F) =1
V20 = 0: (T3F) = 1
Transfers the contents of register A to timer control register PA.
Transfers the contents of timer control register W1 to register A.
Transfers the contents of register A to timer control register W1.
Transfers the contents of timer control register W2 to register A.
Transfers the contents of register A to timer control register W2.
Transfers the contents of timer control register W3 to register A.
Transfers the contents of register A to timer control register W3.
Transfers the contents of timer control register W4 to register A.
Transfers the contents of register A to timer control register W4.
Transfers the high-order 4 bits of prescaler to register B, and transfers the low-order 4 bits of prescaler to
register A.
Transfers the contents of register B to the high-order 4 bits of prescaler and prescaler reload register RPS,
and transfers the contents of register A to the low-order 4 bits of prescaler and prescaler reload register
RPS.
Transfers the high-order 4 bits of timer 1 to register B, and transfers the low-order 4 bits of timer 1 to regis-
ter A.
Transfers the contents of register B to the high-order 4 bits of timer 1 and timer 1 reload register R1, and
transfers the contents of register A to the low-order 4 bits of timer 1 and timer 1 reload register R1.
Transfers the high-order 4 bits of timer 2 to register B, and transfers the low-order 4 bits of timer 2 to regis-
ter A.
Transfers the contents of register B to the high-order 4 bits of timer 2 and timer 2 reload register R2L, and
transfers the contents of register A to the low-order 4 bits of timer 2 and timer 2 reload register R2L.
Transfers the contents of register B to the high-order 4 bits of timer 2 reload register R2H, and transfers the
contents of register A to the low-order 4 bits of timer 2 reload register R2H.
Transfers the contents of register B to the high-order 4 bits of timer 1 reload register R1, and transfers the
contents of register A to the low-order 4 bits of timer 1 reload register R1.
Transfers the contents of timer 2 reload register R2L to timer 2.
Transfers the contents of register A to timer LC and timer LC reload register RLC.
When V12 = 0 : Clears (0) to the T1F flag and skips the next instruction when timer 1 interrupt request flag
T1F is “1”. When the T1F flag is “0”, executes the next instruction.
When V12 = 1 : This instruction is equivalent to the NOP instruction. (V12: bit 2 of interrupt control register V1)
When V13 = 0 : Clears (0) to the T2F flag and skips the next instruction when timer 2 interrupt request flag
T2F is “1”. When the T2F flag is “0”, executes the next instruction.
When V13 = 1 : This instruction is equivalent to the NOP instruction. (V13: bit 3 of interrupt control register V1)
When V20 = 0 : Clears (0) to the T3F flag and skips the next instruction when timer 3 interrupt request flag
T3F is “1”. When the T3F flag is “0”, executes the next instruction.
When V20 = 1 : This instruction is equivalent to the NOP instruction. (V20: bit 0 of interrupt control register V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com