Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 114Page - Renesas Technology Corp 4553 Datasheet HTML 115Page - Renesas Technology Corp 4553 Datasheet HTML 116Page - Renesas Technology Corp 4553 Datasheet HTML 117Page - Renesas Technology Corp 4553 Datasheet HTML 118Page - Renesas Technology Corp 4553 Datasheet HTML 119Page - Renesas Technology Corp 4553 Datasheet HTML 120Page - Renesas Technology Corp 4553 Datasheet HTML 121Page - Renesas Technology Corp 4553 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 145 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.02
Dec 22, 2006
page 118 of 142
REJ03B0024-0302
4553 Group
1010101010
1001001011
1000001110
1001001100
1000001111
1001001101
1000010000
1001001110
1000010001
1001110101
1000110101
1
001110000
1000110000
1001110001
1000110001
1010010100
1000111111
1010010101
1000001101
1010000000
1010000001
1010000010
2A A
24 B
20 E
24 C
20 F
24 D
21 0
24 E
21 1
27 5
23 5
27 0
23 0
27 1
23 1
29 4
23 F
29 5
20 D
28 0
28 1
28 2
(PA)
← (A)
(A)
← (W1)
(W1)
← (A)
(A)
← (W2)
(W2)
← (A)
(A)
← (W3)
(W3)
← (A)
(A)
← (W4)
(W4)
← (A)
(B)
← (TPS7–TPS4)
(A)
← (TPS3–TPS0)
(RPS7–RPS4)
← (B)
(TPS7–TPS4)
← (B)
(RPS3–RPS0)
← (A)
(TPS3–TPS0)
← (A)
(B)
← (T17–T14)
(A)
← (T13–T10)
(R17–R14)
← (B)
(T17–T14)
← (B)
(R13–R10)
← (A)
(T13–T10)
← (A)
(B)
← (T27–T24)
(A)
← (T23–T20)
(R2L7–R2L4)
← (B)
(T27–T24)
← (B)
(R2L3–R2L0)
← (A)
(T23–T20)
← (A)
(R2H7–R2H4)
← (B)
(R2H3–R2H0)
← (A)
(R17–R14)
← (B)
(R13–R10)
← (A)
(T27–T20)
← (R2L7–R2L0)
(LC)
← (A)
(RLC)
← (A)
V12 = 0: (T1F) = 1 ?
(T1F)
← 0
V12 = 1: SNZT1 = NOP
V13 = 0: (T2F) = 1 ?
(T2F)
← 0
V13 = 1: SNZT2 = NOP
V20 = 0: (T3F) = 1 ?
(T3F)
← 0
V20 = 1: SNZT3 = NOP
TPAA
TAW1
TW1A
TAW2
TW2A
TAW3
TW3A
TAW4
TW4A
TABPS
TPSAB
TAB1
T1AB
TAB2
T2AB
T2HAB
TR1AB
T2R2L
TLCA
SNZT1
SNZT2
SNZT3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com