Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 125Page - Renesas Technology Corp 4553 Datasheet HTML 126Page - Renesas Technology Corp 4553 Datasheet HTML 127Page - Renesas Technology Corp 4553 Datasheet HTML 128Page - Renesas Technology Corp 4553 Datasheet HTML 129Page - Renesas Technology Corp 4553 Datasheet HTML 130Page - Renesas Technology Corp 4553 Datasheet HTML 131Page - Renesas Technology Corp 4553 Datasheet HTML 132Page - Renesas Technology Corp 4553 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 129 of 142
REJ03B0024-0302
4553 Group
6
4.4
2.2
f(STCK)
[MHz]
2
1.8
2.7
5.5
4.5
VDD
[V]
at ceramic oscillation (Mask ROM version)
1.1
4.4
f(STCK)
[MHz]
2.7
5.5
VDD
[V]
at RC oscillation (Mask ROM version)
4.8
3.2
0.8
f(STCK)
[MHz]
2
2.7
5.5
4.5
VDD
[V]
at external clock oscillation (Mask ROM version)
1.8
1.6
50
f(STCK)
[kHz]
1.8
5.5
VDD
[V]
at quartz-crystal oscillation (Mask ROM version)
Recommended
operating conditions
Recommended
operating
conditions
Recommended
operating
conditions
Recommended
operating
conditions
System clock (STCK) operating condition map
(Mask ROM version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com