Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 128Page - Renesas Technology Corp 4553 Datasheet HTML 129Page - Renesas Technology Corp 4553 Datasheet HTML 130Page - Renesas Technology Corp 4553 Datasheet HTML 131Page - Renesas Technology Corp 4553 Datasheet HTML 132Page - Renesas Technology Corp 4553 Datasheet HTML 133Page - Renesas Technology Corp 4553 Datasheet HTML 134Page - Renesas Technology Corp 4553 Datasheet HTML 135Page - Renesas Technology Corp 4553 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 132 of 142
REJ03B0024-0302
4553 Group
VOLTAGE DROP DETECTION CIRCUIT CHARACTERISTICS
(Mask ROM version: Ta = –20 °C to 85 °C, unless otherwise noted)
Test conditions
Ta = 25 °C
-20 °C
≤ Ta < 0 °C
0 °C
≤ Ta < 50 °C
50 °C
≤ Ta ≤ 85 °C
Ta = 25 °C
-20 °C
≤ Ta < 0 °C
0 °C
≤ Ta < 50 °C
50 °C
≤ Ta ≤ 85 °C
VDD = 5 V
VDD = 3 V
VDD
→ (VRST– – 0.1 V)
Parameter
Detection voltage
(reset occurs) (Note 2)
Detection voltage
(reset release) (Note 3)
Detection voltage hysteresis
Operation current (Note 4)
Detection time (Note 5)
Symbol
VRST–
VRST+
VRST+ –
VRST–
IRST
TRST
Limits
Unit
Min.
1.6
1.7
1.4
1.2
1.7
1.8
1.5
1.3
Typ.
1.8
1.9
0.1
50
30
0.2
Max.
2
2.3
2.2
1.9
2.1
2.4
2.3
2
100
60
1.2
V
V
V
µA
ms
Notes 1: The voltage drop detection circuit is equipped with only the H version.
2: The detection voltage (VRST–) is defined as the voltage when reset occurs when the supply voltage (VDD) is falling.
3: The detection voltage (VRST+) is defined as the voltage when reset is released when the supply voltage (VDD) is rising from reset occurs.
4: In the H version, IRST is added to IDD (supply current).
5: The detection time (TRST) is defined as the time until reset occurs when the supply voltage (VDD) is falling to [VRST– – 0.1 V].
6: The detection voltages (VRST+, VRST–) are set up lower than the minimum value of the supply voltage of the recommended operating conditions.
As for details, refer to the LIST OF PRECAUTIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com