Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 131Page - Renesas Technology Corp 4553 Datasheet HTML 132Page - Renesas Technology Corp 4553 Datasheet HTML 133Page - Renesas Technology Corp 4553 Datasheet HTML 134Page - Renesas Technology Corp 4553 Datasheet HTML 135Page - Renesas Technology Corp 4553 Datasheet HTML 136Page - Renesas Technology Corp 4553 Datasheet HTML 137Page - Renesas Technology Corp 4553 Datasheet HTML 138Page - Renesas Technology Corp 4553 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 135 of 142
REJ03B0024-0302
4553 Group
f(XIN)
f(XIN)
f(XIN)
f(XCIN)
f(CNTR)
tw(CNTR)
TPON
Oscillation frequency
(with a ceramic resonator)
Oscillation frequency
(at RC oscillation) (Note)
Oscillation frequency
(with a ceramic oscillation circuit
selected, external clock input)
Oscillation frequency
(with a quartz-crystal oscillator)
Timer external input frequency
Timer external input period
(“H” and “L” pulse width)
Power-on reset circuit
valid supply voltage rising time
Conditions
MHz
MHz
MHz
kHz
Hz
s
µs
Max.
4.4
2.2
1.1
6
4.4
2.2
6
4.4
6
4.4
3.2
1.6
0.8
4.8
3.2
1.6
4.8
3.2
4.8
50
f(STCK)/6
100
Limits
Through mode
Frequency/2 mode
Frequency/4 mode
Frequency/8 mode
VDD = 2.7 to 3.6 V
Through mode
Frequency/2 mode
Frequency/4 mode
Frequency/8 mode
Quartz-crystal oscillator
CNTR
CNTR
VDD = 0
→ 1.8 V
Min.
3/f(STCK)
Typ.
RECOMMENDED OPERATING CONDITIONS 2
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 3.6 V, unless otherwise noted)
Parameter
Symbol
Unit
Note: The frequency is affected by a capacitor, a resistor and a microcomputer. So, set the constants within the range of the frequency limits.
VDD = 2.7 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 2.7 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 2.7 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 2.7 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 2 to 3.6 V
VDD = 1.8 to 3.6 V
VDD = 1.8 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com