Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 130Page - Renesas Technology Corp 4553 Datasheet HTML 131Page - Renesas Technology Corp 4553 Datasheet HTML 132Page - Renesas Technology Corp 4553 Datasheet HTML 133Page - Renesas Technology Corp 4553 Datasheet HTML 134Page - Renesas Technology Corp 4553 Datasheet HTML 135Page - Renesas Technology Corp 4553 Datasheet HTML 136Page - Renesas Technology Corp 4553 Datasheet HTML 137Page - Renesas Technology Corp 4553 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 134 of 142
REJ03B0024-0302
4553 Group
RECOMMENDED OPERATING CONDITIONS 1
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 3.6 V, unless otherwise noted)
Symbol
VDD
VDD
VDD
VRAM
VSS
VLC3
VIH
VIL
IOH(peak)
IOH(avg)
IOL(peak)
IOL(avg)
ΣIOH(avg)
ΣIOL(avg)
Parameter
Supply voltage
(when ceramic resonator is used)
Supply voltage
(when quartz-crystal/on-chip
oscillator is used)
Supply voltage
(when RC oscillation is used)
RAM back-up voltage
Supply voltage
LCD power supply (Note 1)
“H” level input voltage
“L” level input voltage
“H” level peak output current
“H” level average output current
(Note 2)
“L” level peak output current
“L” level average output current
(Note 2)
“H” level total average current
“L” level total average current
Notes 1: At 1/2 bias: VLC1 = VLC2 = (1/2)•VLC3
At 1/3 bias: VLC1 = (1/3)•VLC3, VLC2 = (2/3)•VLC3
2: The average output current is the average value during 100 ms.
Unit
Conditions
f(STCK)
≤ 4.4 MHz
f(STCK)
≤ 2.2 MHz
f(STCK)
≤ 1.1 MHz
f(STCK)
≤ 4.4 MHz
at RAM back-up mode
P0, P1, P2, D0–D5
XIN, XCIN
RESET
INT
CNTR
P0, P1, P2, D0–D5
XIN, XCIN
RESET
INT
CNTR
P0, P1, P2, D0–D5
C, CNTR
P0, P1, P2, D0–D5
C, CNTR
P0, P1, P2, D0–D7,
C, CNTR
RESET
P0, P1, P2, D0–D7,
C, CNTR
RESET
P0, P1, P2, D0–D5, C, CNTR
P0, P1, P2, D0–D5, C, CNTR
D6, D7, RESET
Max.
3.6
3.6
3.6
3.6
3.6
VDD
VDD
VDD
VDD
VDD
VDD
0.2VDD
0.3VDD
0.3VDD
0.15VDD
0.15VDD
–10
–15
–5
–10
12
4
7
2
–40
60
60
Limits
Min.
2.7
2
1.8
1.8
2.7
1.6
1.8
0.8VDD
0.7VDD
0.85VDD
0.85VDD
0.8VDD
0
0
0
0
0
Typ.
0
VDD = 3 V
VDD = 3 V
VDD = 3 V
VDD = 3 V
VDD = 3 V
VDD = 3 V
VDD = 3 V
VDD = 3 V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com