Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 62Page - Renesas Technology Corp M66596FP Datasheet HTML 63Page - Renesas Technology Corp M66596FP Datasheet HTML 64Page - Renesas Technology Corp M66596FP Datasheet HTML 65Page - Renesas Technology Corp M66596FP Datasheet HTML 66Page - Renesas Technology Corp M66596FP Datasheet HTML 67Page - Renesas Technology Corp M66596FP Datasheet HTML 68Page - Renesas Technology Corp M66596FP Datasheet HTML 69Page - Renesas Technology Corp M66596FP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 66 of 127
3.2.4
NRDY interrupt
Chapter 3.2.4.1 ,3.2.4.2 show the conditions under which NRDY interrupts are generated. The cause of a NRDY
for the various pipes should be confirmed using the pertinent bit of the NRDYSTS register. If an interrupt has been
disabled using the NRDYE bit of the INTENB0 register, the interrupt request is set in the pertinent bit of the
NRDYSTS
register. When all of the bits of the NRDYSTS register are cleared using the user system control program,
the controller clears the NRDY bit of the INTSTS0 register.
3.2.4.1 NRDY interrupt in the Host mode
The followings are the generating conditions of NRDY interruption in the Host mode..
(a) When STALL is received from a peripheral to the token which transmitted.
(b) When there is no response from a peripheral to the token which transmitted.
(c) When Isochronous transfer, the following errors occurred at the time of Iso transmission.
- Bit stuffing error
- CRC error
- Max packet size over error
- Over run error, under run error
* However, when the controller doesn’t receive ACK packet in the SETUP transaction, the controller generate
SIGN
interrupt.
3.2.4.2 NRDY interrupt in the Peripheral mode
The followings are the generating conditions of NRDY interruption in the Peripheral mode..
(a) For data transmission
If an IN token has been received (data underrun) when the PID bit of the PIPExCTR register is in the
"PID=BUF" and there is no data to be sent in the buffer memory
(b) For data is reception
- If an OUT token or a PING token has been received (data overrun) when the PID bit of the PIPExCTR
control register is
in the "PID=BUF" and there is no area in the buffer memory where data can be stored
- In a bulk transfer, when the maximum packet size has not been set (“MXPS=0”) and an OUT token or
a PING token has been received
- When a CRC error, bit stuffing error, interval error has occurred during an isochronous transfer
- When a token is recived other than interval frame duaring an isochronous transfer.
Figure 3.14 shows the timing at which the controller generates NRDY interrupts.
Data transfer
Data reception
IN Token Packet
OUT Token Packet
NAK Handshake
NAK Handshake
Data Packet
USB bus
USB bus
PING Packet
NAK Handshake
USB bus
NRDY interrupt
NRDY interrupt
NRDY interrupt
(CRC error, etc.)
Figure 3.14 Timing at which NRDY interrupts are generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com