Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 97Page - Renesas Technology Corp M66596FP Datasheet HTML 98Page - Renesas Technology Corp M66596FP Datasheet HTML 99Page - Renesas Technology Corp M66596FP Datasheet HTML 100Page - Renesas Technology Corp M66596FP Datasheet HTML 101Page - Renesas Technology Corp M66596FP Datasheet HTML 102Page - Renesas Technology Corp M66596FP Datasheet HTML 103Page - Renesas Technology Corp M66596FP Datasheet HTML 104Page - Renesas Technology Corp M66596FP Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 101 of 127
4.4 Electrical characteristics (ratings for VIF = 1.6~2.0V, VDD = 1.35~1.65V)
Rated value
Symbol
Item
Measurement conditions
Min.
Stand
ard
Max.
Unit
VIH
"H" input voltage
AFEA33V = 3.6V
2.52
3.6
V
VIL
"L" input voltage
Xin
AFEA33V = 3.0V
0
0.9
V
VIH
"H" input voltage
VIF = 2.0V
0.7VIF
2.0
V
VIL
"L" input voltage
Note
1
VIF = 1.6V
0
0.3VIF
V
VT+
Threshold voltage in positive
direction
0.7
1.4
V
VT-
Threshold voltage in negative
direction
0.2
0.8
V
VTH
Hysteresis voltage
Note
2
VIF = 1.8V
0.5
V
VOH
"H" output voltage
IOH = -50 uA
2.6
V
VOL
"L" output voltage
Xout
AFEA33V
= 3.0V
IOL = 50 uA
0.4
V
VOH
"H" output voltage
IOH = -2 mA
VIF-0.4
V
VOL
"L" output voltage
Note
3
VIF = 1.6V
IOL = 2 mA
0.4
V
VOH
"H" output voltage
IOH = -4 mA
VIF-0.4
V
VOL
"L" output voltage
Note
4
VIF = 1.6V
IOL = 4 mA
0.4
V
VT+
Threshold voltage in positive
direction
1.4
2.4
V
VT-
Threshold voltage in negative
direction
Note
5
AFED33V=3.3V
0.5
1.65
V
IIH
"H" input current
VI= VIF
10
uA
IIL
"L" input current
VIF = 2.0V
VI = GND
-10
uA
IOZH
"H" output current in off
status
Vo = VIF
10
uA
IOZL
"L" output current in off status
Note
4
VIF = 2.0V
Vo = GND
-10
uA
Rdv
Pull-down resistance
Note
5
500
k
Ω
Rdt
Pull-down resistance
Note
6
50
k
Ω
Icc(A)
Average supply current at HS
operation
Note
7
f(Xin) = 48 MHz
VDD = 1.65V, VIF = 2.0V,
AFEA33V, AFED33V = 3.6V,
AFEA15V, AFED15V = 1.65V
40
mA
Icc(A)
Average supply current at FS
operation
Note
7
f(Xin) = 48 MHz
VDD = 1.65V, VIF = 2.0V,
AFEA33V, AFED33V = 3.6V,
AFEA15V, AFED15V = 1.65V
18
mA
USB suspend state
(Host mode)
VIF = 2.0V
0.07
mA
Icc(S)
Supply current in static mode
Note
7
USB suspend state
(Peripheral mode)
VIF = 2.0V
0.27
USB cable detached
VIF = 2.0V
0.07
mA
CIN
Pin capacitance (input)
7
pF
COUT
Pin capacitance (input /
output)
Note
8
7
pF
COUT
Pin capacitance (D+, D-)
15
pF
Note 1: A6/ALE, A5-1, TEST, MPBUS input pins, and D15-7, D6/AD6-D1/AD1, D0, SD7-0, DEND0-1_N input / output pins
Note 2: CS_N, RD_N, WR0-1_N, DACK0_N, DACK1_N/DSTB0_N, RST_N input pins
Note 3: INT_N, SOF_N, DREQ0-1_N output pin, and DEND0-1_N input / output pin
Note 4: D15-7, D6/AD6-D1/AD1, D0, SD7-SD0 input / output pins
Note 5: VBUS input pin
Note 6: TEST input pin
Note 7: Supply current is the total of the VDD, VIF, AFEA33V, AFED33V, AFEA15V, AFED15V currents.
Note 8: Except D+ and D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com