Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 99Page - Renesas Technology Corp SH7211 Datasheet HTML 100Page - Renesas Technology Corp SH7211 Datasheet HTML 101Page - Renesas Technology Corp SH7211 Datasheet HTML 102Page - Renesas Technology Corp SH7211 Datasheet HTML 103Page - Renesas Technology Corp SH7211 Datasheet HTML 104Page - Renesas Technology Corp SH7211 Datasheet HTML 105Page - Renesas Technology Corp SH7211 Datasheet HTML 106Page - Renesas Technology Corp SH7211 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 79 of 1200
REJ09B0344-0200
5.1.2
Exception Handling Operations
The exception handling sources are detected and begin processing according to the timing shown
in table 5.2.
Table 5.2
Timing of Exception Source Detection and Start of Exception Handling
Exception
Source
Timing of Source Detection and Start of Handling
Power-on reset
Starts when the
RES pin changes from low to high, when the
H-UDI reset negate command is set after the H-UDI reset
assert command has been set, or when the WDT overflows.
Reset
Manual reset
Starts when the
MRES pin changes from low to high or when
the WDT overflows.
Address error
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Interrupts
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Bank underflow
Starts upon attempted execution of a RESBANK instruction
when saving has not been performed to register banks.
Register bank
error
Bank overflow
In the state where saving has been performed to all register
bank areas, starts when acceptance of register bank overflow
exception has been set by the interrupt controller (the BOVE bit
in IBNR of the INTC is 1) and an interrupt that uses a register
bank has occurred and been accepted by the CPU.
Trap instruction
Starts from the execution of a TRAPA instruction.
General illegal
instructions
Starts from the decoding of undefined code anytime except
immediately after a delayed branch instruction (delay slot).
Instructions
Slot illegal
instructions
Starts from the decoding of undefined code placed immediately
after a delayed branch instruction (delay slot), of instructions
that rewrite the PC, of 32-bit instructions, of the RESBANK
instruction, of the DIVS instruction, or of the DIVU instruction.
Integer division
instructions
Starts when detecting division-by-zero exception or overflow
exception caused by division of the negative maximum value
(H'80000000) by
−1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com