Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 101Page - Renesas Technology Corp SH7211 Datasheet HTML 102Page - Renesas Technology Corp SH7211 Datasheet HTML 103Page - Renesas Technology Corp SH7211 Datasheet HTML 104Page - Renesas Technology Corp SH7211 Datasheet HTML 105Page - Renesas Technology Corp SH7211 Datasheet HTML 106Page - Renesas Technology Corp SH7211 Datasheet HTML 107Page - Renesas Technology Corp SH7211 Datasheet HTML 108Page - Renesas Technology Corp SH7211 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 81 of 1200
REJ09B0344-0200
5.1.3
Exception Handling Vector Table
Before exception handling begins running, the exception handling vector table must be set in
memory. The exception handling vector table stores the start addresses of exception service
routines. (The reset exception handling table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets, from
which the vector table addresses are calculated. During exception handling, the start addresses of
the exception service routines are fetched from the exception handling vector table, which is
indicated by this vector table address.
Table 5.3 shows the vector numbers and vector table address offsets. Table 5.4 shows how vector
table addresses are calculated.
Table 5.3
Exception Handling Vector Table
Exception Sources
Vector
Numbers
Vector Table Address Offset
PC
0
H'00000000 to H'00000003
Power-on reset
SP
1
H'00000004 to H'00000007
PC
2
H'00000008 to H'0000000B
Manual reset
SP
3
H'0000000C to H'0000000F
General illegal instruction
4
H'00000010 to H'00000013
(Reserved by system)
5
H'00000014 to H'00000017
Slot illegal instruction
6
H'00000018 to H'0000001B
7
H'0000001C to H'0000001F
(Reserved by system)
8
H'00000020 to H'00000023
CPU address error
9
H'00000024 to H'00000027
DMAC address error
10
H'00000028 to H'0000002B
NMI
11
H'0000002C to H'0000002F
Interrupts
User break
12
H'00000030 to H'00000033
(Reserved by system)
13
H'00000034 to H'00000037
H-UDI
14
H'00000038 to H'0000003B
Bank overflow
15
H'0000003C to H'0000003F
Bank underflow
16
H'00000040 to H'00000043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com