Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 104Page - Renesas Technology Corp SH7211 Datasheet HTML 105Page - Renesas Technology Corp SH7211 Datasheet HTML 106Page - Renesas Technology Corp SH7211 Datasheet HTML 107Page - Renesas Technology Corp SH7211 Datasheet HTML 108Page - Renesas Technology Corp SH7211 Datasheet HTML 109Page - Renesas Technology Corp SH7211 Datasheet HTML 110Page - Renesas Technology Corp SH7211 Datasheet HTML 111Page - Renesas Technology Corp SH7211 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 84 of 1200
REJ09B0344-0200
5.2.2
Power-On Reset
(1)
Power-On Reset by Means of
RES Pin
When the
RES pin is driven low, this LSI enters the power-on reset state. To reliably reset this
LSI, the
RES pin should be kept at the low level for the duration of the oscillation settling time at
power-on or when in software standby mode (when the clock is halted), or at least 20-tcyc when
the clock is running. In the power-on reset state, the internal state of the CPU and all the on-chip
peripheral module registers are initialized. See appendix A, Pin States, for the status of individual
pins during the power-on reset state.
In the power-on reset state, power-on reset exception handling starts when the
RES pin is first
driven low for a fixed period and then returned to high. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to
I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are
initialized. The BN bit in IBNR of the INTC is also initialized to 0.
4. The values fetched from the exception handling vector table are set in the PC and SP, and the
program begins executing.
Be certain to always perform power-on reset processing when turning the system power on.
(2)
Power-On Reset by Means of H-UDI Reset Assert Command
When the H-UDI reset assert command is set, this LSI enters the power-on reset state. Power-on
reset by means of an H-UDI reset assert command is equivalent to power-on reset by means of the
RES pin. Setting the H-UDI reset negate command cancels the power-on reset state. The time
required between an H-UDI reset assert command and H-UDI reset negate command is the same
as the time to keep the
RES pin low to initiate a power-on reset. In the power-on reset state
generated by an H-UDI reset assert command, setting the H-UDI reset negate command starts
power-on reset exception handling. The CPU operates in the same way as when a power-on reset
was caused by the
RES pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com