Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 107Page - Renesas Technology Corp SH7211 Datasheet HTML 108Page - Renesas Technology Corp SH7211 Datasheet HTML 109Page - Renesas Technology Corp SH7211 Datasheet HTML 110Page - Renesas Technology Corp SH7211 Datasheet HTML 111Page - Renesas Technology Corp SH7211 Datasheet HTML 112Page - Renesas Technology Corp SH7211 Datasheet HTML 113Page - Renesas Technology Corp SH7211 Datasheet HTML 114Page - Renesas Technology Corp SH7211 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 87 of 1200
REJ09B0344-0200
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data read or written, as shown in table 5.6.
Table 5.6
Bus Cycles and Address Errors
Bus Cycle
Type
Bus
Master
Bus Cycle Description
Address Errors
Instruction fetched from even address
None (normal)
Instruction fetched from odd address
Address error occurs
Instruction fetched from other than on-chip
peripheral module space* or H'F0000000 to
H'F5FFFFFF in on-chip RAM space*
None (normal)
Instruction fetched from on-chip peripheral
module space* or H'F0000000 to
H'F5FFFFFF in on-chip RAM space*
Address error occurs
Instruction
fetch
CPU
Instruction fetched from external memory
space in single-chip mode
Address error occurs
Word data accessed from even address
None (normal)
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword
boundary
None (normal)
Longword data accessed from other than a
long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space*
None (normal)
Longword data accessed in 16-bit on-chip
peripheral module space*
None (normal)
Data
read/write
CPU or
DMAC
Longword data accessed in 8-bit on-chip
peripheral module space*
None (normal)
Instruction fetched from external memory
space in single-chip mode
Address error occurs
Note:
*
See section 8, Bus State Controller (BSC), for details of the on-chip peripheral module
space and on-chip RAM space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com