Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 111Page - Renesas Technology Corp SH7211 Datasheet HTML 112Page - Renesas Technology Corp SH7211 Datasheet HTML 113Page - Renesas Technology Corp SH7211 Datasheet HTML 114Page - Renesas Technology Corp SH7211 Datasheet HTML 115Page - Renesas Technology Corp SH7211 Datasheet HTML 116Page - Renesas Technology Corp SH7211 Datasheet HTML 117Page - Renesas Technology Corp SH7211 Datasheet HTML 118Page - Renesas Technology Corp SH7211 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 91 of 1200
REJ09B0344-0200
5.5.2
Interrupt Priority Level
The interrupt priority order is predetermined. When multiple interrupts occur simultaneously
(overlap), the interrupt controller (INTC) determines their relative priorities and starts processing
according to the results.
The priority order of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest
and priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is
always accepted. The user break interrupt and H-UDI interrupt priority level is 15. Priority levels
of IRQ interrupts, and on-chip peripheral module interrupts can be set freely using the interrupt
priority registers 01, 02, and 05 to 15 (IPR01, IPR02, and IPR05 to IPR15) of the INTC as shown
in table 5.8. The priority levels that can be set are 0 to 15. Level 16 cannot be set. See section
6.3.1, Interrupt Priority Registers 01, 02, 05 to 15 (IPR01, IPR02, IPR05 to IPR15), for details of
IPR01, IPR02, and IPR05 to IPR15.
Table 5.8
Interrupt Priority Order
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
User break
15
Fixed priority level.
H-UDI
15
Fixed priority level.
IRQ
On-chip peripheral module
0 to 15
Set with interrupt priority registers 01, 02, and 05
to 15 (IPR01, IPR02, and IPR05 to IPR15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com