Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 114Page - Renesas Technology Corp SH7211 Datasheet HTML 115Page - Renesas Technology Corp SH7211 Datasheet HTML 116Page - Renesas Technology Corp SH7211 Datasheet HTML 117Page - Renesas Technology Corp SH7211 Datasheet HTML 118Page - Renesas Technology Corp SH7211 Datasheet HTML 119Page - Renesas Technology Corp SH7211 Datasheet HTML 120Page - Renesas Technology Corp SH7211 Datasheet HTML 121Page - Renesas Technology Corp SH7211 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 94 of 1200
REJ09B0344-0200
5.6.2
Trap Instructions
When a TRAPA instruction is executed, trap instruction exception handling starts. The CPU
operates as follows:
1. The exception service routine start address which corresponds to the vector number specified
in the TRAPA instruction is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the TRAPA instruction.
4. After jumping to the address fetched from the exception handling vector table, program
execution starts. The jump that occurs is not a delayed branch.
5.6.3
Slot Illegal Instructions
An instruction placed immediately after a delayed branch instruction is said to be placed in a delay
slot. When the instruction placed in the delay slot is undefined code, an instruction that rewrites
the PC, a 32-bit instruction, an RESBANK instruction, a DIVS instruction, or a DIVU instruction,
slot illegal exception handling starts when such kind of instruction is decoded. The CPU operates
as follows:
1. The exception service routine start address is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the jump address of the
delayed branch instruction immediately before the undefined code, the instruction that rewrites
the PC, the 32-bit instruction, the RESBANK instruction, the DIVS instruction, or the DIVU
instruction.
4. After jumping to the address fetched from the exception handling vector table, program
execution starts. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com