Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 115Page - Renesas Technology Corp SH7211 Datasheet HTML 116Page - Renesas Technology Corp SH7211 Datasheet HTML 117Page - Renesas Technology Corp SH7211 Datasheet HTML 118Page - Renesas Technology Corp SH7211 Datasheet HTML 119Page - Renesas Technology Corp SH7211 Datasheet HTML 120Page - Renesas Technology Corp SH7211 Datasheet HTML 121Page - Renesas Technology Corp SH7211 Datasheet HTML 122Page - Renesas Technology Corp SH7211 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 95 of 1200
REJ09B0344-0200
5.6.4
General Illegal Instructions
When undefined code placed anywhere other than immediately after a delayed branch instruction
(i.e., in a delay slot) is decoded, general illegal instruction exception handling starts. The CPU
handles general illegal instructions in the same way as slot illegal instructions. Unlike processing
of slot illegal instructions, however, the program counter value stored is the start address of the
undefined code.
5.6.5
Integer Division Instructions
When an integer division instruction performs division by zero or the result of integer division
overflows, integer division instruction exception handling starts. The instructions that may become
the source of division-by-zero exception are DIVU and DIVS. The only source instruction of
overflow exception is DIVS, and overflow exception occurs only when the negative maximum
value is divided by
−1. The CPU operates as follows:
1. The exception service routine start address which corresponds to the integer division
instruction exception that occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
integer division instruction at which the exception occurred.
4. After jumping to the address fetched from the exception handling vector table, program
execution starts. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com