Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 151Page - Renesas Technology Corp SH7211 Datasheet HTML 152Page - Renesas Technology Corp SH7211 Datasheet HTML 153Page - Renesas Technology Corp SH7211 Datasheet HTML 154Page - Renesas Technology Corp SH7211 Datasheet HTML 155Page - Renesas Technology Corp SH7211 Datasheet HTML 156Page - Renesas Technology Corp SH7211 Datasheet HTML 157Page - Renesas Technology Corp SH7211 Datasheet HTML 158Page - Renesas Technology Corp SH7211 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 131 of 1200
REJ09B0344-0200
F
2 Icyc + 3 Bcyc + 1 Pcyc
3 Icyc
m1
m2
m3
3 Icyc + m1 + m2
IRQ
Instruction (instruction replacing
interrupt exception handling)
m1:
m2:
m3:
F:
D:
E:
M:
First instruction in interrupt exception
service routine
Interrupt acceptance
DE
E
M
M
M
FD
E
[Legend]
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Instruction fetch. Instruction is fetched from memory in which program is stored.
Instruction decoding. Fetched instruction is decoded.
Instruction execution. Data operation or address calculation is performed in accordance with the result of decoding.
Memory access. Memory data access is performed.
Figure 6.4 Example of Pipeline Operation when IRQ Interrupt is Accepted
(No Register Banking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com