Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 153Page - Renesas Technology Corp SH7211 Datasheet HTML 154Page - Renesas Technology Corp SH7211 Datasheet HTML 155Page - Renesas Technology Corp SH7211 Datasheet HTML 156Page - Renesas Technology Corp SH7211 Datasheet HTML 157Page - Renesas Technology Corp SH7211 Datasheet HTML 158Page - Renesas Technology Corp SH7211 Datasheet HTML 159Page - Renesas Technology Corp SH7211 Datasheet HTML 160Page - Renesas Technology Corp SH7211 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 133 of 1200
REJ09B0344-0200
F
2 Icyc + 3 Bcyc + 1 Pcyc
3 Icyc + m1 + m2
m1
m2
m3
9 Icyc
IRQ
RESBANK instruction
D
EEEEEEEE
E
DE
E
M
M
M
E
F
D
[Legend]
m1:
m2:
m3:
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Interrupt acceptance
First instruction in interrupt
exception service routine
Instruction (instruction replacing
interrupt exception handling)
Figure 6.7 Example of Pipeline Operation when Interrupt is Accepted during RESBANK
Instruction Execution (Register Banking without Register Bank Overflow)
F
2 Icyc + 3 Bcyc + 1 Pcyc
3 Icyc
m1
m2
m3
3 Icyc + m1 + m2
IRQ
DE
E
M
M
M
M
F
D
[Legend]
m1:
m2:
m3:
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Interrupt acceptance
First instruction in interrupt exception
service routine
Instruction (instruction replacing
interrupt exception handling)
...
...
...
Figure 6.8 Example of Pipeline Operation when IRQ Interrupt is Accepted
(Register Banking with Register Bank Overflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com