Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 163Page - Renesas Technology Corp SH7211 Datasheet HTML 164Page - Renesas Technology Corp SH7211 Datasheet HTML 165Page - Renesas Technology Corp SH7211 Datasheet HTML 166Page - Renesas Technology Corp SH7211 Datasheet HTML 167Page - Renesas Technology Corp SH7211 Datasheet HTML 168Page - Renesas Technology Corp SH7211 Datasheet HTML 169Page - Renesas Technology Corp SH7211 Datasheet HTML 170Page - Renesas Technology Corp SH7211 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 143 of 1200
REJ09B0344-0200
Section 7 User Break Controller (UBC)
The user break controller (UBC) provides functions that simplify program debugging. These
functions make it easy to design an effective self-monitoring debugger, enabling the chip to debug
programs without using an in-circuit emulator. Instruction fetch or data read/write (bus master
(CPU or DMAC) selection in the case of data read/write), data size, data contents, address value,
and stop timing in the case of instruction fetch are break conditions that can be set in the UBC.
Since this LSI uses a Harvard architecture, instruction fetch on the CPU bus (C bus) is performed
by issuing bus cycles on the instruction fetch bus (F bus), and data access on the C bus is
performed by issuing bus cycles on the memory access bus (M bus). The UBC monitors the C bus
and internal bus (I bus).
7.1
Features
1. The following break comparison conditions can be set.
Number of break channels: four channels (channels 0 to 3)
User break can be requested as the independent condition on channels 0, 1, 2, and 3.
• Address
Comparison of the 32-bit address is maskable in 1-bit units.
One of the three address buses (F address bus (FAB), M address bus (MAB), and I address bus
(IAB)) can be selected.
• Bus master when I bus is selected
Selection of CPU cycles or DMAC cycles
• Bus cycle
Instruction fetch (only when C bus is selected) or data access
• Read/write
• Operand size
Byte, word, and longword
2. Exception handling routine for user-specified break conditions can be executed.
3. In an instruction fetch cycle, it can be selected whether PC breaks are set before or after an
instruction is executed.
4. When a break condition is satisfied, a trigger signal is output from the
UBCTRG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com