Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 166Page - Renesas Technology Corp SH7211 Datasheet HTML 167Page - Renesas Technology Corp SH7211 Datasheet HTML 168Page - Renesas Technology Corp SH7211 Datasheet HTML 169Page - Renesas Technology Corp SH7211 Datasheet HTML 170Page - Renesas Technology Corp SH7211 Datasheet HTML 171Page - Renesas Technology Corp SH7211 Datasheet HTML 172Page - Renesas Technology Corp SH7211 Datasheet HTML 173Page - Renesas Technology Corp SH7211 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 146 of 1200
REJ09B0344-0200
7.3.1
Break Address Register_0 (BAR_0)
BAR_0 is a 32-bit readable/writable register. BAR_0 specifies the address used as a break
condition in channel 0. The control bits CD0_1 and CD0_0 in the break bus cycle register_0
(BBR_0) select one of the three address buses for a break condition of channel 0. BAR_0 is
initialized to H'00000000 by a power-on reset, but retains its previous value by a manual reset or
in software standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BA0_31 BA0_30 BA0_29 BA0_28 BA0_27 BA0_26 BA0_25 BA0_24 BA0_23 BA0_22 BA0_21 BA0_20 BA0_19 BA0_18 BA0_17 BA0_16
BA0_15 BA0_14 BA0_13 BA0_12 BA0_11 BA0_10 BA0_9 BA0_8 BA0_7 BA0_6 BA0_5 BA0_4 BA0_3 BA0_2 BA0_1 BA0_0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BA0_31 to
BA0_0
All 0
R/W
Break Address 0
Store an address on the CPU address bus (FAB or
MAB) or IAB specifying break conditions of channel 0.
When the C bus and instruction fetch cycle are
selected by BBR_0, specify an FAB address in bits
BA0_31 to BA0_0.
When the C bus and data access cycle are selected by
BBR_0, specify an MAB address in bits BA0_31 to
BA0_0.
Note:
When setting the instruction fetch cycle as a break condition, clear the LSB in BAR_0 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com