Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp SH7261 Datasheet HTML 335Page - Renesas Technology Corp SH7261 Datasheet HTML 336Page - Renesas Technology Corp SH7261 Datasheet HTML 337Page - Renesas Technology Corp SH7261 Datasheet HTML 338Page - Renesas Technology Corp SH7261 Datasheet HTML 339Page - Renesas Technology Corp SH7261 Datasheet HTML 340Page - Renesas Technology Corp SH7261 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 305 of 1312
REJ09B0320-0200
Section 11 Direct Memory Access Controller (DMAC)
The DMA controller (hereafter DMAC) is a module that handles high-speed data transfer without
CPU intervention in response to requests from software, on-chip peripheral I/O modules, or
external pins (external modules). The DMAC itself does not distinguish between requests from
on-chip peripheral I/O or external pins (external modules). The DMA supports data transfer
between memory units, memory and I/O modules, and I/O modules.
11.1
Features
• Channel number: Up to eight channels (with four channels capable of external requests)
• Transfer requests: Requests from 38 sources including software trigger, on-chip peripheral I/O,
and external pins (external modules)
• Maximum transfer bytes: 64 Mbytes
• Address space: 4 Gbytes
• Transfer data sizes:
 Single data transfer: 8, 16, 32, 64, and 128 bits
 Single operand transfer: 1, 2, 4, 8, 16, 32, 64, and 128 data
 Non-stop transfer: Up to the byte count "0"
• Transfer mode:
 Cycle-stealing transfer (dual-address transfer)
 Pipelined transfer (dual-address transfer)
• Maximum transfer speed:
 Cycle-stealing transfer: Minimum of three clock cycles per unit data transfer
 Pipelined transfer: Minimum of one clock cycle per unit data transfer
• Transfer conditions:
 Unit operand transfer: a single sequence of single operand data transfer in response to a
DMA request
 Sequential operand transfer: single operand transfers are repeated until the byte count
reaches "0"
 Non-stop transfer: data is continuously transferred until the byte count reaches "0" in
response to a single DMA request
• Channel priority:
Channel 0
> channel 1 > → > channel 6 > channel 7 (this priority order is fixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com