Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 335Page - Renesas Technology Corp SH7261 Datasheet HTML 336Page - Renesas Technology Corp SH7261 Datasheet HTML 337Page - Renesas Technology Corp SH7261 Datasheet HTML 338Page - Renesas Technology Corp SH7261 Datasheet HTML 339Page - Renesas Technology Corp SH7261 Datasheet HTML 340Page - Renesas Technology Corp SH7261 Datasheet HTML 341Page - Renesas Technology Corp SH7261 Datasheet HTML 342Page - Renesas Technology Corp SH7261 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 307 of 1312
REJ09B0320-0200
:
:
CPU
I/F
DMAC Core
DMAC
DMA end
DMA acknowledge
DMA active
DMA interrupt request
DMA common
interrupt request
CPU control
signal
DMA request transfer
Current
register
Reload
register
Ch0 DMA setting data
Chn DMA setting data
Ch0 DMA transfer data
Chn DMA transfer data
On-chip memory
DMA request from
outside (DREQ) or
on-chip peripheral circuit
Memory I/F
(Work register)
Memory load/store
control
Source address
register
Destination address
register
Byte count register
Mode register
DMAC
control
circuit
Data
buffer
DMAC
control signal
[Legend]
DMA request transfer: Arbitration of DMA requests and generation of request signal to DMAC core
CPU I/F:
Read/write control of register access from CPU
Memory I/F:
Memory access control from CPU and DMAC core
On-chip memory:
Stores DMAC setting data and transfer data
Work register:
Register the DMAC core refers to (access from CPU prohibited)
DMAC control circuit: DMAC control circuit
Data buffer:
DMA data buffer
Figure 11.1 DMAC Block Diagram
11.2
Input/Output Pins
Table 11.1
Pin Configuration
Name
I/O
Function
DREQm (m
= 0 to 3)
Input
External request for DMA transfer
DACKm (m
= 0 to 3)
Output
DMA acknowledgement of external request for DMA transfer
(active low)
DACTm (m
= 0 to 3)
Output
DMA active in externally requested DMA transfer (active low)
DTENDm (m
= 0 to 3)
Output
Completion of externally requested DMA transfer (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com