Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 331Page - Renesas Technology Corp SH7261 Datasheet HTML 332Page - Renesas Technology Corp SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp SH7261 Datasheet HTML 335Page - Renesas Technology Corp SH7261 Datasheet HTML 336Page - Renesas Technology Corp SH7261 Datasheet HTML 337Page - Renesas Technology Corp SH7261 Datasheet HTML 338Page - Renesas Technology Corp SH7261 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 303 of 1312
REJ09B0320-0200
(3)
Bus Timeout Operation in Consecutive Accesses
For transfers where multiple bus accesses are made (such as burst transfer), the next bus access
might not be terminated when a bus timeout occurs. In this case, a bus timeout may occur
continuously.
Even if a bus timeout occurs continuously, the timeout process of terminating a bus access is
performed in the same way as the first time. However, the status is saved in the bus monitor status
register 1 (SYSCESTS1) or bus monitor status register 2 (SYCBESTS2) only the first time.
10.2.4
Combinations of Masters and Bus Errors
The types of detectable bus error depend on the master and access mode.
(1)
CPU Transfer Modes and Types of Bus Error Generated
Table 10.6 shows the types of bus error that may be generated by accesses from the CPU.
Table 10.6
CPU Access Types and Types of Bus Error Generated
Access Type
Normal Access
Burst Access
Illegal address access*
1
O*
2
O*
2*3
Bus timeout*
1
O*
2
O*
2*3
[Legend]
O:
A bus error is generated.
:
A bus error is not generated.
Notes: 1. To enable bus error detection, the bus monitor enable register (SYCBEEN) should be
set.
2. To notify the CPU of a bus error, the 00CPEN bit in the bus error control register
(SYCBESW) should be set to 1.
3. The number of bus errors detected is the same as the number of accesses that resulted
in an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com