Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 327Page - Renesas Technology Corp SH7261 Datasheet HTML 328Page - Renesas Technology Corp SH7261 Datasheet HTML 329Page - Renesas Technology Corp SH7261 Datasheet HTML 330Page - Renesas Technology Corp SH7261 Datasheet HTML 331Page - Renesas Technology Corp SH7261 Datasheet HTML 332Page - Renesas Technology Corp SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp SH7261 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 299 of 1312
REJ09B0320-0200
10.2
Bus Monitor Function
The bus monitor function detects two types of bus error: illegal address access and bus timeout.
Bus error detection is performed in one bus access.
Even when data is transferred in multiple bus accesses such as burst transfer, a bus error can be
detected in one bus access.
10.2.1
Operation when a Bus Error is Detected
When a bus error is detected, the status is saved in the bus monitor status register 1 (SYCBESTS1)
and bus monitor status register 2 (SYCBESTS2) and the CPU is notified of the bus error is
notified to the CPU.
(1)
Saving Status in Bus Monitor Status Register or Bus Monitor Status Register 2
When a bus error occurs, the status at the time (what type of error occurred and which bus was
being accessed by which bus master) is saved in the bus monitor status register 1 (SYCBESTS1)
or bus monitor status register 2 (SYCBESTS2).
Even if another bus error occurs after this, the value in the bus monitor status register
(SYCBESTS) or bus monitor status register 2 (SYCBESTS2) is not updated. When multiple bus
errors occur at the same time, multiple status bits may be set.
The bus monitor status register 1 (SYCBESTS1) or bus monitor status register 2 (SYCBESTS2)
can be cleared by writing 1 to the status clear bit (STSCLR) in the bus monitor enable register
(SYCBEEN) from the bus master. After being cleared, the status of a bus error, if generated, is
saved in the bus monitor status register 1 (SYCBESTS1) or bus monitor status register 2
(SYCBESTS2) again.
When a clear operation and a bus error happen at the same time, the clear operation has priority
and the bus error is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com