Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 324Page - Renesas Technology Corp SH7261 Datasheet HTML 325Page - Renesas Technology Corp SH7261 Datasheet HTML 326Page - Renesas Technology Corp SH7261 Datasheet HTML 327Page - Renesas Technology Corp SH7261 Datasheet HTML 328Page - Renesas Technology Corp SH7261 Datasheet HTML 329Page - Renesas Technology Corp SH7261 Datasheet HTML 330Page - Renesas Technology Corp SH7261 Datasheet HTML 331Page - Renesas Technology Corp SH7261 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 296 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
30
ETO
0
R
Timeout
This bit indicates that a timeout occurred on the
external bus when the first bus error occurred.
0: Timeout not generated
1: Timeout generated
29
EER
0
R
Illegal Address Access
This bit indicates that an illegal address access was
made on the external bus when the first bus error
occurred.
0: Illegal address access not made
1: Illegal address access made
28 to 26
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
25, 24
EMST[1:0]
00
R
Bus Master
These bits indicate the bus master that accessed the
external bus when the first bus error occurred.
00: CPU
01: DMAC (destination side)
10: Setting prohibited
11: DMAC (source side)
23 to 14
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13
OER
0
R
Illegal Address Access
These bits indicate the bus master that accessed other
buses when the first bus error occurred.
0: Illegal address access not made
1: Illegal address access made



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com