Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 328Page - Renesas Technology Corp SH7261 Datasheet HTML 329Page - Renesas Technology Corp SH7261 Datasheet HTML 330Page - Renesas Technology Corp SH7261 Datasheet HTML 331Page - Renesas Technology Corp SH7261 Datasheet HTML 332Page - Renesas Technology Corp SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp SH7261 Datasheet HTML 335Page - Renesas Technology Corp SH7261 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 300 of 1312
REJ09B0320-0200
(2)
Error Notification to the CPU
The CPU is notified of a bus error through the OR condition of the timeout bits (PTO/CTO/ETO)
and illegal address access bits (PER/CER/EER/OER/SHER) in the bus monitor status register 1
(SYCBESTS1) and bus monitor status register 2 (SYCBESTS2). The CPU is notified of a bus
error interrupt according to the setting of the bus error control register (SYCBESW).
When the bus monitor status register 1 (SYCBESTS1) and bus monitor status register 2
(SYCBESTS2) are cleared by the CPU, the bus error interrupt signal is also negated.
(3)
Termination of Bus Access
When a bus error is detected, the bus access is terminated. For details, see section 10.2.4,
Combinations of Masters and Bus Errors.
For the detailed operations when each type of error is detected, see section 10.2.2, Illegal Address
Access Detection Function and section 10.2.3, Bus Timeout Detection Function.
10.2.2
Illegal Address Access Detection Function
The illegal address access detection function detects attempted accesses to illegal addresses.
(1)
Conditions of Illegal Address Access Error Generation
Illegal address access errors occur when the following illegal addresses are accessed.
• External spaces for which the operation enable bit (EXENB) in the control register of the BSC
is not set to "operation enabled"
• Other address areas that are not mapped to any slave bus
• Address areas that are mapped to the slave buses but do not correspond to slave devices
Tables 10.3 to 10.5 show the address areas to which slave devices are not mapped within the
spaces for peripheral buses (1), (2), and (3).
Table 10.3
Address Areas without Slave Devices in the Space for Peripheral Bus (1)
FF401000 to FF41FFFF
FF423000 to FF45FFFF
FF464000 to FF5FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com