Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 332Page - Renesas Technology Corp SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp SH7261 Datasheet HTML 335Page - Renesas Technology Corp SH7261 Datasheet HTML 336Page - Renesas Technology Corp SH7261 Datasheet HTML 337Page - Renesas Technology Corp SH7261 Datasheet HTML 338Page - Renesas Technology Corp SH7261 Datasheet HTML 339Page - Renesas Technology Corp SH7261 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 304 of 1312
REJ09B0320-0200
(2)
DMAC Transfer Modes and Operations of Each Bus
Table 10.7 shows the DMAC transfer modes and the types of bus error that may be generated by
accesses from the DMAC.
Table 10.7
DMAC Transfer Modes and Types of Bus Error Generated
DMAC Transfer Mode
Cycle Steal
Pipeline
Illegal address access*
O
O
Bus timeout*
O
O
[Legend]
O:
A bus error is generated.
:
A bus error is not generated.
Note:
*
To enable bus error detection, the bus monitor enable register (SYCBEEN) should be
set.
10.3
Usage Note
10.3.1
Operation when the CPU is Not Notified of a Bus Error
Table 10.8 describes the operations when bus error notification to the CPU is disabled with the bus
error detection enabled (by the setting of the bus monitor enable register (SYCBEEN)).
Table 10.8
Operation When the Master is Not Notified of a Bus Error
Illegal address access
Illegal address access errors equal in number to the predetermined
number of transfers are generated and the access is terminated each
time.
Bus timeout
Bus timeouts equal in number to the predetermined number of
transfers are generated and the access is terminated each time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com