Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 326Page - Renesas Technology Corp SH7261 Datasheet HTML 327Page - Renesas Technology Corp SH7261 Datasheet HTML 328Page - Renesas Technology Corp SH7261 Datasheet HTML 329Page - Renesas Technology Corp SH7261 Datasheet HTML 330Page - Renesas Technology Corp SH7261 Datasheet HTML 331Page - Renesas Technology Corp SH7261 Datasheet HTML 332Page - Renesas Technology Corp SH7261 Datasheet HTML 333Page - Renesas Technology Corp SH7261 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 298 of 1312
REJ09B0320-0200
10.1.4
Bus Error Control Register (SYCBESW)
SYCBESW controls the notification of various types of bus errors to the CPU.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
00
0000000000000
R/W
R/W
R/W
RRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
00
CPEN
11
CPEN
0
01
CPEN
—
R
—
—
——————————
————————————————
Bit
Bit Name
Initial
Value
R/W
Description
31
00CPEN
0
R/W
Bus Error Control (CPU
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the CPU.
0: Not notified
1: Notified
30
01CPEN
0
R/W
Bus Error Control (DMAC Destination Side
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the DMAC destination side.
0: Not notified
1: Notified
29
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
28
11CPEN
0
R/W
Bus Error Control (DMAC Source Side
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the DMAC source side.
0: Not notified
1: Notified
27 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com