Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 594 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 594 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 590Page - Renesas Technology Corp SH7261 Datasheet HTML 591Page - Renesas Technology Corp SH7261 Datasheet HTML 592Page - Renesas Technology Corp SH7261 Datasheet HTML 593Page - Renesas Technology Corp SH7261 Datasheet HTML 594Page - Renesas Technology Corp SH7261 Datasheet HTML 595Page - Renesas Technology Corp SH7261 Datasheet HTML 596Page - Renesas Technology Corp SH7261 Datasheet HTML 597Page - Renesas Technology Corp SH7261 Datasheet HTML 598Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 562 of 1312
REJ09B0320-0200
12.7.13
Counter Value during Complementary PWM Mode Stop
When counting operation is suspended with TCNT_3 and TCNT_4 in complementary PWM
mode, TCNT_3 has the timer dead time register (TDDR) value, and TCNT_4 is held at H'0000.
When restarting complementary PWM mode, counting begins automatically from the initialized
state. This explanatory diagram is shown in figure 12.120.
When counting begins in another operating mode, be sure that TCNT_3 and TCNT_4 are set to
the initial values.
TGRA_3
TCDR
TDDR
H'0000
TCNT_3
TCNT_4
Complementary PWM
mode operation
Complementary PWM
mode operation
Counter
operation stop
Complementary
PMW restart
Figure 12.120 Counter Value during Complementary PWM Mode Stop
12.7.14
Buffer Operation Setting in Complementary PWM Mode
In complementary PWM mode, conduct rewrites by buffer operation for the PWM cycle setting
register (TGRA_3), timer cycle data register (TCDR), and duty setting registers (TGRB_3,
TGRA_4, and TGRB_4).
In complementary PWM mode, channel 3 and channel 4 buffers operate in accordance with bit
settings BFA and BFB of TMDR_3. When the BFA bit in TMDR_3 is set to 1, TGRC_3 functions
as a buffer register for TGRA_3. At the same time, TGRC_4 functions as the buffer register for
TGRA_4, and TCBR functions as the TCDR's buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com