Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 588Page - Renesas Technology Corp SH7261 Datasheet HTML 589Page - Renesas Technology Corp SH7261 Datasheet HTML 590Page - Renesas Technology Corp SH7261 Datasheet HTML 591Page - Renesas Technology Corp SH7261 Datasheet HTML 592Page - Renesas Technology Corp SH7261 Datasheet HTML 593Page - Renesas Technology Corp SH7261 Datasheet HTML 594Page - Renesas Technology Corp SH7261 Datasheet HTML 595Page - Renesas Technology Corp SH7261 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 560 of 1312
REJ09B0320-0200
12.7.11
Contention between Buffer Register Write and Input Capture
If an input capture signal is generated in the T2 state of a buffer register write cycle, the buffer
operation takes precedence and the write to the buffer register is not performed.
Figure 12.118 shows the timing in this case.
Input capture
signal
Write signal
Address
TCNT
Buffer register write cycle
T1
T2
N
TGR
N
M
M
Buffer register
Buffer register
address
P
φ
Figure 12.118 Contention between Buffer Register Write and Input Capture
12.7.12
TCNT_2 Write and Overflow/Underflow Contention in Cascade Connection
With timer counters TCNT_1 and TCNT_2 in a cascade connection, when a contention occurs
during TCNT_1 count (during a TCNT_2 overflow/underflow) in the T2 state of the TCNT_2
write cycle, the write to TCNT_2 is conducted, and the TCNT_1 count signal is disabled. At this
point, if there is match with TGRA_1 and the TCNT_1 value, a compare signal is issued.
Furthermore, when the TCNT_1 count clock is selected as the input capture source of channel 0,
TGRA_0 to TGRD_0 carry out the input capture operation. In addition, when the compare
match/input capture is selected as the input capture source of TGRB_1, TGRB_1 carries out input
capture operation. The timing is shown in figure 12.119.
For cascade connections, be sure to synchronize settings for channels 1 and 2 when setting TCNT
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com