Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 779 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 779 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 775Page - Renesas Technology Corp SH7261 Datasheet HTML 776Page - Renesas Technology Corp SH7261 Datasheet HTML 777Page - Renesas Technology Corp SH7261 Datasheet HTML 778Page - Renesas Technology Corp SH7261 Datasheet HTML 779Page - Renesas Technology Corp SH7261 Datasheet HTML 780Page - Renesas Technology Corp SH7261 Datasheet HTML 781Page - Renesas Technology Corp SH7261 Datasheet HTML 782Page - Renesas Technology Corp SH7261 Datasheet HTML 783Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 747 of 1312
REJ09B0320-0200
17.3.10
NF2CYC Register (NF2CYC)
NF2CYC is an 8-bit readable/writable register that selects the range of the noise filtering for the
SCL and SDA pins. For details of the noise filter, see section 17.4.7, Noise Filter.
NF2CYC is initialized to H'02 by a power-on reset or in deep standby mode.
0
1
2
3
4
5
6
7
0
1
0
0
0
0
0
0
R
R
R
R
R
R
R
Bit:
Initial value:
R/W:
———————
R/W
NF2
CYC
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
1
R
Reserved
This bit is always read as 0. The write value should
always be 1.
0
NF2CYC
0
R/W
Noise Filtering Range Select
0: The noise less than one cycle of the peripheral clock
can be filtered out
1: The noise less than two cycles of the peripheral clock
can be filtered out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com