Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp SH7261 Datasheet HTML 774Page - Renesas Technology Corp SH7261 Datasheet HTML 775Page - Renesas Technology Corp SH7261 Datasheet HTML 776Page - Renesas Technology Corp SH7261 Datasheet HTML 777Page - Renesas Technology Corp SH7261 Datasheet HTML 778Page - Renesas Technology Corp SH7261 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 743 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
RDRF
0
R/W
Receive Data Register Full
[Clearing conditions]
• When 0 is written in RDRF after reading RDRF = 1
• When ICDRR is read
[Setting condition]
• When a receive data is transferred from ICDRS to
ICDRR
4
NACKF
0
R/W
No Acknowledge Detection Flag
[Clearing condition]
• When 0 is written in NACKF after reading NACKF
= 1
[Setting condition]
• When no acknowledge is detected from the receive
device in transmission while the ACKE bit in ICIER
is 1
3
STOP
0
R/W
Stop Condition Detection Flag
[Clearing condition]
• When 0 is written in STOP after reading STOP = 1
[Setting conditions]
• In master mode, when a stop condition is detected
after frame transfer
• In slave mode, when the slave address in the first
byte, after detecting start condition, matches the
address set in SAR, and then the stop condition is
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com