Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp SH7261 Datasheet HTML 774Page - Renesas Technology Corp SH7261 Datasheet HTML 775Page - Renesas Technology Corp SH7261 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 740 of 1312
REJ09B0320-0200
17.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER is an 8-bit readable/writable register that enables or disables interrupt sources and
acknowledge bits, sets acknowledge bits to be transferred, and confirms acknowledge bits
received.
ICIER is initialized to H'00 by a power-on reset or deep standby mode.
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
TIE
TEIE
RIE
NAKIE
STIE
ACKE ACKBR ACKBT
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1 or 0, this bit
enables or disables the transmit data empty interrupt
(TXI).
0: Transmit data empty interrupt request (TXI) is
disabled.
1: Transmit data empty interrupt request (TXI) is
enabled.
6
TEIE
0
R/W
Transmit End Interrupt Enable
Enables or disables the transmit end interrupt (TEI) at
the rising of the ninth clock while the TDRE bit in ICSR
is 1. TEI can be canceled by clearing the TEND bit or
the TEIE bit to 0.
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
5
RIE
0
R/W
Receive Interrupt Enable
Enables or disables the receive data full interrupt
request (RXI) and the overrun error interrupt request
(ERI) in the clocked synchronous format when receive
data is transferred from ICDRS to ICDRR and the
RDRF bit in ICSR is set to 1. RXI can be canceled by
clearing the RDRF or RIE bit to 0.
0: Receive data full interrupt request (RXI) are disabled.
1: Receive data full interrupt request (RXI) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com