Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 769 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 769 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 765Page - Renesas Technology Corp SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 737 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
SDAO
1
R/W
SDA Output Value Control
This bit is used with SDAOP when modifying output
level of SDA. This bit should not be manipulated during
transfer.
0: When reading, SDA pin outputs low.
When writing, SDA pin is changed to output low.
1: When reading, SDA pin outputs high.
When writing, SDA pin is changed to output Hi-Z
(outputs high by external pull-up resistance).
4
SDAOP
1
R/W
SDAO Write Protect
Controls change of output level of the SDA pin by
modifying the SDAO bit. To change the output level,
clear SDAO and SDAOP to 0 or set SDAO to 1 and
clear SDAOP to 0. This bit is always read as 1.
3
SCLO
1
R
SCL Output Level
Monitors SCL output level. When SCLO is 1, SCL pin
outputs high. When SCLO is 0, SCL pin outputs low.
2
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
1
IICRST
0
R/W
IIC Control Part Reset
Resets the control part except for I
2C registers. If this bit
is set to 1 when hang-up occurs because of
communication failure during I
2C bus operation, some
IIC3 registers and the control part can be reset.
0
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com