Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 762Page - Renesas Technology Corp SH7261 Datasheet HTML 763Page - Renesas Technology Corp SH7261 Datasheet HTML 764Page - Renesas Technology Corp SH7261 Datasheet HTML 765Page - Renesas Technology Corp SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 734 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
In master mode with the I
2C bus format, when
arbitration is lost, MST and TRS are both reset by
hardware, causing a transition to slave receive mode.
Modification of the TRS bit should be made between
transfer frames.
When seven bits after the start condition is issued in
slave receive mode match the slave address set to
SAR and the 8th bit is set to 1, TRS is automatically
set to 1. If an overrun error occurs in master receive
mode with the clocked synchronous serial format, MST
is cleared and the mode changes to slave receive
mode.
Operating modes are described below according to
MST and TRS combination. When clocked
synchronous serial format is selected and MST = 1,
clock is output.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3 to 0
CKS[3:0]
0000
R/W
Transfer Clock Select
These bits should be set according to the necessary
transfer rate (table 17.3) in master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com