Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 763 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 763 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp SH7261 Datasheet HTML 761Page - Renesas Technology Corp SH7261 Datasheet HTML 762Page - Renesas Technology Corp SH7261 Datasheet HTML 763Page - Renesas Technology Corp SH7261 Datasheet HTML 764Page - Renesas Technology Corp SH7261 Datasheet HTML 765Page - Renesas Technology Corp SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 731 of 1312
REJ09B0320-0200
17.2
Input/Output Pins
Table 17.1 shows the pin configuration of the I
2C bus interface 3. Specifications for the voltage
applied to I/O pins for the I
2C bus interface are different from others because of the pin
configuration difference. For details, see section 31, Electrical Characteristics.
Table 17.1
Pin Configuration
Channel
Pin Name
Symbol
I/O
Function
Serial clock
SCL0 to SCL2
I/O
I
2C serial clock input/output
0 to 2
Serial data
SDA0 to SDA2
I/O
I
2C serial data input/output
Figure 17.2 shows an example of I/O pin connections to external circuits.
Specifications for the voltage applied to I/O pins for the I
2C bus interface are different from others
because of the pin configuration difference. For details, see section 31, Electrical Characteristics.
I2C bus
power supply*
SCL in
SCL out
SCL
SDA in
SDA out
SDA
SCL
SDA
SCL in
SCL out
SDA in
SDA out
SCL in
SCL out
SDA in
SDA out
Note: * Turn on/off PVcc for the I2C bus power supply and for this LSI simultaneously.
(Master)
(Slave 1)
(Slave 2)
Figure 17.2 External Circuit Connections of I/O Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com