Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 759 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 759 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp SH7261 Datasheet HTML 761Page - Renesas Technology Corp SH7261 Datasheet HTML 762Page - Renesas Technology Corp SH7261 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 727 of 1312
REJ09B0320-0200
16.6.3
Restriction on DMAC Usage
1. When the DMAC writes data to SCFTDR with a TXI interrupt request, the state of the TEND
flag becomes undefined. Therefore, the TEND flag should not be used as the transfer end flag
in such a case.
2. When one channel is used in full duplex communication with the DMAC used for transmission
and the CPU used for reception, if the receive data are read from the receive FIFO data register
(SCFRDR) after the RDF or DR flag in the serial status register (SCFSR) has been set, the
RDF or DR flag may be cleared.
3. When one channel is used in full duplex communication with the DMAC used for reception
and the CPU used for transmission, if the transmit data is written to the transmit FIFO data
register (SCFTDR) after the TDFE or TEND flag in the serial status register (SCFSR) has been
set, the TDFE or TEND flags may be cleared.
16.6.4
Break Detection and Processing
Break signals can be detected by reading the RxD pin directly when a framing error (FER) is
detected. In the break state the input from the RxD pin consists of all 0s, so the FER flag is set and
the parity error flag (PER) may also be set.
Note that, although transfer of receive data to SCFRDR is halted in the break state, the SCIF
receiver continues to operate.
16.6.5
Sending a Break Signal
The I/O condition and level of the TxD pin are determined by the SPB2IO and SPB2DT bits in the
serial port register (SCSPTR). This feature can be used to send a break signal.
Until TE bit is set to 1 (enabling transmission) after initializing, the TxD pin does not work.
During the period, mark status is performed by the SPB2DT bit. Therefore, the SPB2IO and
SPB2DT bits should be set to 1 (high level output).
To send a break signal during serial transmission, clear the SPB2DT bit to 0 (designating low
level), then clear the TE bit to 0 (halting transmission). When the TE bit is cleared to 0, the
transmitter is initialized regardless of the current transmission state, and 0 is output from the TxD
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com