Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 760 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 760 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp SH7261 Datasheet HTML 761Page - Renesas Technology Corp SH7261 Datasheet HTML 762Page - Renesas Technology Corp SH7261 Datasheet HTML 763Page - Renesas Technology Corp SH7261 Datasheet HTML 764Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 728 of 1312
REJ09B0320-0200
16.6.6
Receive Data Sampling Timing and Receive Margin (Asynchronous Mode)
The SCIF operates on a base clock with a frequency of 16 times the transfer rate. In reception, the
SCIF synchronizes internally with the fall of the start bit, which it samples on the base clock.
Receive data is latched at the rising edge of the eighth base clock pulse. The timing is shown in
figure 16.17.
D0
D1
0123456789 10 11 12 13 14 15 012345
0 12345
6 7 8 9 10 11 12 13 14 15
16 clocks
8 clocks
Base clock
Receive data
(RxD)
Start bit
–7.5 clocks
+7.5 clocks
Synchronization
sampling timing
Data sampling
timing
Figure 16.17 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in asynchronous mode can therefore be expressed as shown in equation 1.
Equation 1:
M = (0.5 -
) - (L - 0.5) F -
(1 + F)
× 100 %
1
2N
D - 0.5
N
Where: M: Receive margin (%)
N: Ratio of clock frequency to bit rate (N = 16)
D: Clock duty (D = 0 to 1.0)
L: Frame length (L = 9 to 12)
F: Absolute deviation of clock frequency
From equation 1, if F = 0 and D = 0.5, the receive margin is 46.875%, as given by equation 2.
Equation 2:
When D = 0.5 and F = 0:
M = (0.5 - 1/(2
× 16)) × 100%
= 46.875%
This is a theoretical value. A reasonable margin to allow in system designs is 20% to 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com