Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 758 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 758 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 754Page - Renesas Technology Corp SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp SH7261 Datasheet HTML 761Page - Renesas Technology Corp SH7261 Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 726 of 1312
REJ09B0320-0200
16.6
Usage Notes
Note the following when using the SCIF.
16.6.1
SCFTDR Writing and TDFE Flag
The TDFE flag in the serial status register (SCFSR) is set when the number of transmit data bytes
written in the transmit FIFO data register (SCFTDR) has fallen below the transmit trigger number
set by bits TTRG1 and TTRG0 in the FIFO control register (SCFCR). After TDFE is set, transmit
data up to the number of empty bytes in SCFTDR can be written, allowing efficient continuous
transmission.
However, if the number of data bytes written in SCFTDR is equal to or less than the transmit
trigger number, the TDFE flag will be set to 1 again after being read as 1 and cleared to 0. TDFE
clearing should therefore be carried out when SCFTDR contains more than the transmit trigger
number of transmit data bytes.
The number of transmit data bytes in SCFTDR can be found from the upper 8 bits of the FIFO
data count register (SCFDR).
16.6.2
SCFRDR Reading and RDF Flag
The RDF flag in the serial status register (SCFSR) is set when the number of receive data bytes in
the receive FIFO data register (SCFRDR) has become equal to or greater than the receive trigger
number set by bits RTRG1 and RTRG0 in the FIFO control register (SCFCR). After RDF is set,
receive data equivalent to the trigger number can be read from SCFRDR, allowing efficient
continuous reception.
However, if the number of data bytes in SCFRDR exceeds the trigger number, the RDF flag will
be set to 1 again if it is cleared to 0. RDF should therefore be cleared to 0 after being read as 1
after reading the number of the received data in the receive FIFO data register (SCFRDR) which is
less than the trigger number.
The number of receive data bytes in SCFRDR can be found from the lower 8 bits of the FIFO data
count register (SCFDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com