Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 751Page - Renesas Technology Corp SH7261 Datasheet HTML 752Page - Renesas Technology Corp SH7261 Datasheet HTML 753Page - Renesas Technology Corp SH7261 Datasheet HTML 754Page - Renesas Technology Corp SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 723 of 1312
REJ09B0320-0200
Error handling
Clear ORER flag in SCLSR to 0
End
Overrun error handling
ORER = 1?
Yes
No
Figure 16.14 Sample Flowchart for Receiving Serial Data (2)
In serial reception, the SCIF operates as described below.
1. The SCIF synchronizes with serial clock input or output and starts the reception.
2. Receive data is shifted into SCRSR in order from the LSB to the MSB. After receiving the
data, the SCIF checks the receive data can be loaded from SCRSR into SCFRDR or not. If this
check is passed, the RDF flag is set to 1 and the SCIF stores the received data in SCFRDR. If
the check is not passed (overrun error is detected), further reception is prevented.
3. After setting RDF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCSCR,
the SCIF requests a receive-data-full interrupt (RXI). If the ORER bit is set to 1 and the
receive-data-full interrupt enable bit (RIE) or the receive error interrupt enable bit (REIE) in
SCSCR is also set to 1, the SCIF requests a break interrupt (BRI).
Figure 16.15 shows an example of SCIF receive operation.
Bit 7
Bit 0
LSB
MSB
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
RDF
ORER
Serial clock
Serial data
Data read from SCFRDR and
RDF flag cleared to 0 by RXI
interrupt handler
One frame
RXI
interrupt
request
BRI interrupt request
by overrun error
RXI
interrupt
request
Figure 16.15 Example of SCIF Receive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com