Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 753 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 753 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 749Page - Renesas Technology Corp SH7261 Datasheet HTML 750Page - Renesas Technology Corp SH7261 Datasheet HTML 751Page - Renesas Technology Corp SH7261 Datasheet HTML 752Page - Renesas Technology Corp SH7261 Datasheet HTML 753Page - Renesas Technology Corp SH7261 Datasheet HTML 754Page - Renesas Technology Corp SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 721 of 1312
REJ09B0320-0200
In serial transmission, the SCIF operates as described below.
1. When data is written into the transmit FIFO data register (SCFTDR), the SCIF transfers the
data from SCFTDR to the transmit shift register (SCTSR) and starts transmitting. Confirm that
the TDFE flag in the serial status register (SCFSR) is set to 1 before writing transmit data to
SCFTDR. The number of data bytes that can be written is (16 – transmit trigger setting).
2. When data is transferred from SCFTDR to SCTSR and transmission is started, consecutive
transmit operations are performed until there is no transmit data left in SCFTDR. When the
number of transmit data bytes in SCFTDR falls below the transmit trigger number set in the
FIFO control register (SCFCR), the TDFE flag is set. If the TIE bit in the serial control register
(SCSR) is set to 1 at this time, a transmit-FIFO-data-empty interrupt (TXI) request is
generated.
If clock output mode is selected, the SCIF outputs eight synchronous clock pulses. If an
external clock source is selected, the SCIF outputs data in synchronization with the input
clock. Data is output from the TxD pin in order from the LSB (bit 0) to the MSB (bit 7).
3. The SCIF checks the SCFTDR transmit data at the timing for sending the MSB (bit 7). If data
is present, the data is transferred from SCFTDR to SCTSR, and then serial transmission of the
next frame is started. If there is no data, the TxD pin holds the state after the TEND flag in
SCFSR is set to 1 and the MSB (bit 7) is sent.
4. After the end of serial transmission, the SCK pin is held in the high state.
Figure 16.12 shows an example of SCIF transmit operation.
Serial clock
Serial data
TDFE
TEND
Data written to SCFTDR
and TDFE flag cleared
to 0 by TXI interrupt
handler
One frame
Bit 0
LSB
TXI
interrupt
request
MSB
Bit 1
Bit 6
Bit 7
Bit 7
Bit 0
Bit 1
TXI
interrupt
request
Figure 16.12 Example of SCIF Transmit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com