Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 756 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 756 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 752Page - Renesas Technology Corp SH7261 Datasheet HTML 753Page - Renesas Technology Corp SH7261 Datasheet HTML 754Page - Renesas Technology Corp SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 756 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 724 of 1312
REJ09B0320-0200
• Transmitting and Receiving Serial Data Simultaneously (Clocked Synchronous Mode)
Figure 16.16 shows a sample flowchart for transmitting and receiving serial data simultaneously.
Use the following procedure for the simultaneous transmission/reception of serial data, after
enabling the SCIF for transmission/reception.
Start of transmission and reception
Initialization
Read TDFE flag in SCFSR
TDFE = 1?
Write transmit data to SCFTDR,
and read 1 from TDFE and TEND
flags in SCFTDR, then clear
these flags to 0
Read ORER flag in SCLSR
ORER = 1?
Read RDF flag in SCFSR
RDF = 1?
Clear TE and RE bits
in SCSCR to 0
End of transmission and reception
Read receive data in
SCFRDR, and clear RDF
flag in SCFSR to 0
All data received?
No
No
Yes
No
No
Yes
Yes
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR, and
read 1 from the TDFE and TEND
flags, then clear these flags to 0.
The transition of the TDFE flag from
0 to 1 can also be identified by a
TXI interrupt.
[2] Receive error handling:
Read the ORER flag in SCLSR to
identify any error, perform the
appropriate error handling, then clear
the ORER flag to 0. Reception cannot
be resumed while the ORER flag is
set to 1.
[3] SCIF status check and receive data
read:
Read SCFSR and check that RDF =
1, then read the receive data in
SCFRDR, and clear the RDF flag to
0. The transition of the RDF flag from
0 to 1 can also be identified by an RXI
interrupt.
[4] Serial transmission and reception
continuation procedure:
To continue serial transmission and
reception, read 1 from the RDF flag
and the receive data in SCFRDR, and
clear the RDF flag to 0 before
receiving the MSB in the current
frame. Similarly, read 1 from the
TDFE flag to confirm that writing is
possible before transmitting the MSB
in the current frame. Then write data
to SCFTDR and clear the TDFE flag
to 0.
[1]
Yes
Error handling
[4]
When switching from a transmit operation
or receive operation to simultaneous
transmission and reception operations,
clear the TE and RE bits to 0, and then
set them simultaneously to 1.
Note:
[3]
[2]
Figure 16.16 Sample Flowchart for Transmitting/Receiving Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com